Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download DST100W05RKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
DST Ceramic Starter Power Resistors
Ceramic Starter Power Resistors
High Starter Power Suitable for Application Loads Involving Brief Current Surges
Preview DST Power Resistor Construction: A tubular ceramic insulator has a fixed number of windings and is wound with heavy alloy wire as a resistance element. The staggering wound is made according to the desired resistance value, followed by the placement of the component mounts. Metal parts are heavily plated to prevent oxidation at high operating temperatures and to prevent corrosion. DST's high power rating (500W~1000W) and low resistance value (0.5-7) provide applications high starter power and capacity. This power wirewound resistor is high temperature-resistant, dissipates heat well, has a low temperature coefficient that varies in direct proportion, and is suitable for application loads involving brief current surges. Applications: Typical applications for power strater resistors in motor starters, load measurements, industrial machinery, electric distribution, dynamic braking, load dumping, current limiting, instrumentation, and automation control installations. Due to the set number of windings on the ceramic form, the resistance value range is relatively low. Tolerance is 10% and this product is available in various shapes or in resistance boxes. The DST Series is RoHS compliant and lead free. For non-standard technical requirements and special applications, please contact us.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 02
TOKEN
Dimensions
DST Ceramic Starter Power Resistors
E
G M
H A F J L I M A F J L I
C B
Current Surges Power Resistor (DST)500W Dimensions
G
C B
Current Surges Power Resistor (DST)600W - 1000W Dimensions
Wattage Rating 500W 600W 1000W
A 280 300 420
B 40 44 48
C 23 26 30
D 45 50 56
E 15 15 15
Dimensions(mm) F G H I 326 6 22 34 342 8 32 34 470 8 32 40
K
D
H
K
D
J 346 362 490
K 85 90 105
L 8 8 9
Weight 970/g 1277/g 1887/g
Resistance Range() 3.5-7 0.5-3 0.5-3
Notice: All dimensions might be changed or modified, please refer to last updating specification.
How to Order
DST Part Number: DST
1000W
0.5R
K
G
Assembly Method (%)
Code C G N Z Assembly Method
Rated Power (W): 500W~1000W Resistance Value (): Indicates resistance
value in units of ohms. Code K
Resistance Tolerance (%)
Resistance Tolerance
Clip Mount. Horizontal Mount. No Mount. Vertical Mount.
10%
Back to 1st Page - Ceramic Starter Power Resistors (DST)
02 of 02
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of DST100W05RKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X